Part Number Hot Search : 
GSWX26 70022 560M20 21265 U2538B GSE1K5 560M20 NCP1601B
Product Description
Full Text Search
 

To Download LA-101AK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LA-101AK Series
LED displays
High efficiency, single-digit numeric displays
LA-101AK Series
The LA-101AK series are LED numerical displays designed to allow use even in bright locations. The height of the character is 25.4 mm, and two colors are available: red and green. These displays are designed for use in large numerical displays. !External Dimensions (Units: mm)
24.00.2 10
2.5 25.4 34.00.2
(10.16)
Tolerances are 0.3 unless otherwise noted :
!Selection guide
Emitting color Red Common Anode Cathode LA-101VA LA-101VK LA-101MA LA-101MK Green
!Pin assignments
10 9 8 7 6 +++++ a f g c b
Pin No. 1 2 3 4 5 6 7 8 9 10
Function Segment "e" Segment "d" Common Segment "c" D.P Segment "b" Segment "a" Common Segment "f" Segment "g"
e
+ Pin No. 1
d D.P ++++ 2345
3.5Min.
!Features 1) Height of character: 25.4 mm 2) Dimensions: 24 x 34 x 10.5 mm 3) A common anode configuration and a common cathode configuration are available for each color. 4) The package surface is painted black and the segments are colored the display color. 5) High luminance, clear display.
2.5 14.1
3.2
0.5 (2.54)
10.50.2
(30.5)
LA-101AK Series
LED displays
!Internal circuit schematic (example of common cathode)
COM 3,8
abcdefg 7 6 4 2 1 9 10
D.P 5
!Absolute maximum ratings (Ta=25C)
Parameter Power dissipation Power dissipation Forward current Peak forward current Reverse voltage Operating temperature Storage temperature Symbol PD PD / seg IF IFP VR Topr Tstg Red Green Unit mW mW mA mA V C C LA-101VA / VK LA-101MA / MK 640 85 (45) 15 60 6 (3) -25+75 -30+85 640 85 (45) 20 60 6 (3)
Pulse width 1ms duty 1 / 5
( ) is D.P value
!Electrical and optical characteristics (Ta=25C)
Parameter
Forward voltage Reverse current Peak wavelength Spectral line half width
Symbol Conditions Min. VF IR IF=10mA VR=3V IF=10mA IF=10mA - - - -
Red Typ. Max. Min. 2.0 - 650 40 2.8 100 - - - - - -
Green Typ. Max. 2.1 - 563 40 2.8 100 - -
Unit V A nm nm
P
Not designed for radiation resistance. The forward voltage and reverse current values are the guaranteed values per element.
!Luminous intensity
Color Red
P
650
Type LA-101VA LA-101VK
Min. 3.6
Typ. 10
Max. - -
Unit mcd
Green
563
LA-101MA LA-101MK
5.6
16
mcd
Note : Measured at IF=10mA


▲Up To Search▲   

 
Price & Availability of LA-101AK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X